Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH3344-RU Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LH3344-RU
Description  3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH3344-RU Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LH3344-RU Datasheet HTML 1Page - Siemens Semiconductor Group LH3344-RU Datasheet HTML 2Page - Siemens Semiconductor Group LH3344-RU Datasheet HTML 3Page - Siemens Semiconductor Group LH3344-RU Datasheet HTML 4Page - Siemens Semiconductor Group LH3344-RU Datasheet HTML 5Page - Siemens Semiconductor Group LH3344-RU Datasheet HTML 6Page - Siemens Semiconductor Group LH3344-RU Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Seniconductor Group
1
11.96
3 mm (T1) LED, Non Diffused
Super-Bright, Hyper-Red GaAIAs-LED
LH 3344
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LH 3344-QT
LH 3344-R
LH 3344-S
LH 3344-T
LH 3344-RU
hyper-red
red clear
63 … 500
100 … 200
160 … 320
250 … 500
100 … 800
Q62703-Q2231
Q62703-Q3198
Q62703-Q3199
Q62703-Q3817
Q62703-Q3200
Besondere Merkmale
q
eingefärbtes, klares Gehäuse
q
Doppel-Heterostruktur in GaAlAs Technologie
q
besonders hohe Lichtstärke
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, clear package
q
double heterojunction in GaAIAs technology
q
especially high luminous intensity
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LH3344-RU

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LH3310-PF LIGITEK-LH3310-PF Datasheet
129Kb / 6P
ROUND TYPE LED LAMPS
LH3330 LIGITEK-LH3330 Datasheet
1,021Kb / 5P
ROUND TYPE LED LAMPS
LH3330-H0-PF LIGITEK-LH3330-H0-PF Datasheet
174Kb / 6P
ROUND TYPE LED LAMPS
LH3330-PF LIGITEK-LH3330-PF Datasheet
127Kb / 6P
ROUND TYPE LED LAMPS
LH3330-PF-TRF-X LIGITEK-LH3330-PF-TRF-X Datasheet
152Kb / 8P
TAPE AND REEL TYPE LED LAMPS
More results

Similar Description - LH3344-RU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com