Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2003 Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA2003 Datasheet HTML 1Page - Unisonic Technologies TDA2003 Datasheet HTML 2Page - Unisonic Technologies TDA2003 Datasheet HTML 3Page - Unisonic Technologies TDA2003 Datasheet HTML 4Page - Unisonic Technologies TDA2003 Datasheet HTML 5Page - Unisonic Technologies TDA2003 Datasheet HTML 6Page - Unisonic Technologies TDA2003 Datasheet HTML 7Page - Unisonic Technologies TDA2003 Datasheet HTML 8Page - Unisonic Technologies TDA2003 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TDA2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R107-002,F
ABSOLUTE MAXIMUM RATINGS (Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Supply Voltage
Vss
40
V
DC Supply Voltage
Vss
28
V
Operating Supply Voltage
Vss
18
V
Repetitive
3.5
A
Output Peak Current
Non Repetitive
IO(PEAK)
4.5
A
Power Dissipation at Tc = 90
°C
PD
20
W
Storage and Junction Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta=25
°C, Refer to the test circuit, Vs=±16V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DC CHARACTERISTICS
Supply Voltage
Vss
8
18
V
Quiescent Output Voltage
VOUT
6.1
6.9
7.7
V
Quiescent Drain Current
ID
44
50
mA
AC CHARACTERISTICS
RL=4Ω
5.5
6
RL=2Ω
9
10
RL=3.2Ω
7.5
Output Power
POUT
THD=10%,
f=1kHz
RL=1.6Ω
12
W
POUT=0.5W, RL=4Ω
14
POUT=6W, RL=4Ω
55
POUT=0.5W, RL=2Ω
10
Input Sensitivity
VI
f=1kHz
POUT=10W, RL=2Ω
50
mV
Input Saturation Voltage
VI(RMS)
300
mV
Frequency Response(-3dB)
F
POUT=1W, RL=4Ω
40
15000
Hz
POUT=0.05 ~ 4.5W, RL=4Ω
0.15
Total Harmonic Distortion
THD
f=1kHz
POUT=0.05 ~ 7.5W, RL=2Ω
0.15
%
Input Resistance(Pin 1)
RI
open loop, f=1kHz
70
150
k
Ω
Input Noise Current
iN
60
200
pA
Input Noise Voltage
eN
1
5
μV
f=1kHz
80
dB
Open Loop Voltage Gain
Gvo
f=10kHz
60
dB
Closed Loop Voltage Gain
Gvc
f=1kHz, RL=4Ω
39.3
40
40.3
dB
POUT=6W, RL=4Ω
69
Efficiency, f=1kHz
η
POUT=10W, RL=2Ω
65
%
Supply Voltage Rejection
SVR
f=100Hz, VRUPPLE=0.5V
RG=10kΩ, RL=4Ω
30
36
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com