Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2003 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button TDA2003 Datasheet HTML 2Page - Unisonic Technologies TDA2003 Datasheet HTML 3Page - Unisonic Technologies TDA2003 Datasheet HTML 4Page - Unisonic Technologies TDA2003 Datasheet HTML 5Page - Unisonic Technologies TDA2003 Datasheet HTML 6Page - Unisonic Technologies TDA2003 Datasheet HTML 7Page - Unisonic Technologies TDA2003 Datasheet HTML 8Page - Unisonic Technologies TDA2003 Datasheet HTML 9Page - Unisonic Technologies TDA2003 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TDA2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R107-002,F
TYPICAL CHARACTORISTICS
810
12
14
16
Vs(V)
0
4
2
6
8
Quiescent output voltage vs.Supply
voltage
810
12
14
16
Vs(V)
0
20
40
60
80
Quiescent drain current vs.Supply
voltage
05
10
15
20
Vs(V)
0
5
10
15
20
Output power vs.Supply voltage
Gv=40dB
f=1kHz
THD=10%
R=4Ω
R=3.2Ω
R=2Ω
R=1.6Ω
Output power vs.load resistance
02
4
6
8
RL (
Ω)
0
4
8
12
16
Vs=16V
Vs=14.4V
Vs=12V
Vs=8V
Gv=40dB
f=1kHz
THD=10%
Gain vs. Input sensitivity
Gain vs. Input sensitivity
10
100
1000
20
24
28
32
36
40
44
48
52
54
58
VS=14.4V
f=1kHz
RL=4
Ω
VS=14.4V
f=1kHz
RL=2
Ω
10
20
24
28
32
36
40
44
48
52
54
58
100
1000
VI (RMS)
VI (RMS)
POUT=6W
POUT=0.5W
POUT=10W
POUT=0.5W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com