Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA2822G-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2822G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA2822G-S08-R Datasheet HTML 1Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 2Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 3Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 4Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 5Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TDA2822
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R107-006.G
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Output Peak Current
IO(PEAK)
1
A
DIP-8
1.0
Power Dissipation
SOP-8
PD
0.5
W
Operating Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0℃~70℃ operating temperature range
and assured by design from -20℃~ 85℃
ELECTRICAL CHARACTERISTICS (T
A=25°C, VCC=6V, f=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Voltage
VCC
1.8
12
V
Quiescent Circuit Current
ICC
VIN=0
9
mA
Stereo
40
dB
Closed Loop Voltage Gain
Bridge
GVC
40
dB
Channel Balance
CB
Stereo
-1
0
1
dB
DIP-8
0.4
0.65
SOP-8
VCC=6V,RL=4Ω, THD=10%
0.28
0.45
W
DIP-8
0.11
Output Power(Stereo)
SOP-8
POUT
VCC=3V,RL=4Ω, THD=10%
0.07
W
DIP-8
0.9
1.35
SOP-8
VCC=6V,RL=4Ω, THD=10%
0.63
0.94
W
DIP-8
0.35
Output Power (Bridge)
SOP-8
POUT
VCC=3V,RL=4Ω, THD=10%
0.24
W
Stereo
RL=8Ω, POUT=0.2W
0.5
%
Total Harmonic Distortion
Bridge
THD
RL=8Ω, POUT=0.5W
0.5
%
Ripple Rejection
RR
Stereo, f=100Hz,C3=100
μF
24
30
dB
Output Noise Voltage
eN
Stereo, BW(-3dB)=20Hz ~20kHz
0.5
2.0
mV
Cross Talk
CT
Stereo, f=1kHz
50
dB
Input Resistance
RIN
100
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com