Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA2822G-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2822G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA2822G-S08-R Datasheet HTML 1Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 2Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 3Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 4Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 5Page - Unisonic Technologies TDA2822G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO.,LTD.
TDA2822
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co.,LTD.
QW-R107-006.G
DUAL LOW VOLTAGE
POWER AMPLIFIER
DESCRIPTION
The UTC TDA2822 is a monolithic integrated audio amplifier
in a 8-Pin plastic dual in line package. It is designed for
portable cassette players and radios.
FEATURES
* Wide Operating Supply Voltage: VCC=1.8V - 12V.
* Low Crossover Distortion.
* Low Quiescent Circuit Current.
* Bridge/Stereo Configuration.
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
TDA2822L-S08-R
TDA2822G-S08-R
SOP-8
Tape Reel
TDA2822L-S08-T
TDA2822G-S08-T
SOP-8
Tube
TDA2822L-D08-T
TDA2822G-D08-T
DIP-8
Tube


Similar Part No. - TDA2822G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2822G-S08-R UTC-TDA2822G-S08-R Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results

Similar Description - TDA2822G-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
M2073 UTC-M2073 Datasheet
248Kb / 9P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822H UTC-TDA2822H_15 Datasheet
174Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com