Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G14G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G14G-AG6-R
Description  DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G14G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G14G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC2G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-355.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
High-impedance
Power-off
-0.5 ~ 6.5
V
High State
Output Voltage
Low State
VOUT
-0.5 ~VCC+0.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current
IO
±50
mA
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-363
259
Junction to Ambient
SOT-26
θJA
250
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
1.65
5.5
V
VCC=1.65V
0.70
1.40
V
VCC=2.3V
1.00
1.70
V
VCC=3V
1.30
2.20
V
VCC=4.5V
1.90
3.10
V
Positive-Going Input Threshold
Voltage
VT+
VCC=5.5V
2.20
3.70
V
VCC=1.65V
0.30
0.70
V
VCC=2.3V
0.40
1.00
V
VCC=3V
0.60
1.30
V
VCC=4.5V
1.10
2.00
V
Negative-Going Input Threshold
Voltage
VT-
VCC=5.5V
1.40
2.50
V
VCC=1.65V
0.30
0.80
V
VCC=2.3V
0.40
0.90
V
VCC=3V
0.40
1.10
V
VCC=4.5V
0.60
1.30
V
Hysteresis Voltage(VT+ - VT-)
ΔVT
VCC=5.5V
0.70
1.40
V
Control Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
VCC =1.65V
-4
mA
VCC =2.3V
-8
mA
VCC =3V
-16
mA
VCC =3V
-24
mA
High Level Output Current
IOH
VCC =4.5V
-32
mA
VCC =1.65V
4
mA
VCC =2.3V
8
mA
VCC =3V
16
mA
VCC =3V
24
mA
Low Level Output Current
IOL
VCC =4.5V
32
mA
Operating Temperature
TOPR
-40
85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com