Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G14G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G14G-AG6-R
Description  DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G14G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G14G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G14G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G14
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-355.B
DUAL SCHMITT-TRIGGER
INVERTER WITH 5V
TOLERANT INPUT
DESCRIPTION
The UTC U74LVC2G14 is a high-performance, low-power,
low-voltage, Si-gate CMOS device which provides two inverters with
Schmitt trigger action. It is capable of transforming slowly changed
input signals into sharply defined, jitter-free output signals.
FEATURES
* Operate From 1.65V to 5.5V
* 5V Tolerant Input/Output for Interfacing with 5V logic
*±24mA Output Drive (VCC =3.3V)
* CMOS Low-Power Consumption and High Noise Immunity
* Halogen Free
4
5
3
2
1
6
SOT-363
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G14G-AL6-R
SOT-363
Tape Reel
U74LVC2G14G-AG6-R
SOT-26
Tape Reel
(1) R: Tape Reel
(2) AL6: SOT-363, AG6: SOT-26
(3) G: Halogen Free
U74LVC2G14G-AL6-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
MARKING


Similar Part No. - U74LVC2G14G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G14G-AG6-R UTC-U74LVC2G14G-AG6-R Datasheet
191Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74LVC2G14G-AG6-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
NXP Semiconductors
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
Inverter with Schmitt-trigger Input
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14 Datasheet
151Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com