Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G17G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G17G-AL6-R
Description  DUAL SCHMITT-TRIGGER BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G17G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G17G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G17G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G17G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G17G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G17G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G17
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-356.A
DUAL SCHMITT-TRIGGER
BUFFER
DESCRIPTION
The UTC U74LVC2G17 is a high-performance, low-power,
low-voltage, Si-gate CMOS device which provides two independent
buffers with Schmitt trigger action. It is capable of transforming
slowly changed input signals into sharply defined, jitter-free output
signals.
FEATURES
* Operate From 1.65V to 5.5V
* 5 V tolerant input/output for interfacing with 5 V logic
*±24mA output drive (VCC = 3.3V)
* CMOS low-power consumption and high noise immunity
* IOFF Supports Partial-Power-Down Mode Operation
* Latch-up performance exceeds 100mA
* Specified from -40 °C to +85 °C
* Halogen Free
4
5
3
2
1
6
SOT-363
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G17G-AL6-R
SOT-363
Tape Reel
MARKING


Similar Part No. - U74LVC2G17G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G17G-AL6-R UTC-U74LVC2G17G-AL6-R Datasheet
158Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74LVC2G17G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
DUAL SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com