Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60N06G-TQ2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 60N06G-TQ2-R
Description  60A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06G-TQ2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  60N06G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-121.C
TYPICAL CHARACTERISTICS
Gate-to-Source Voltage, VGS (V)
20
030
50
Transconductance
10
50
40
20
70
0
40
Drain Current, ID (A)
40
060
0.012
On-Resistance vs. Drain Current
20
0.016
0.008
0.004
0.020
0
80
60
30
10
Tc = -55℃
25℃
125℃
VGS = 10V
100
Drain-to-Source Voltage, VDS (V)
20
040
Capacitance
10
2000
1000
3000
0
30
Total Gate Charge, QG (nC)
20
0
Gate Charge
10
4
2
10
0
30
2500
1500
500
Ciss
VGS = 10V
ID = 60A
40
Coss
Crss
6
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com