Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60N06G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 60N06G-TQ2-R
Description  60A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  60N06G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 60N06G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
60N06
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd.
QW-R502-121.C
60A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 60N06 is N-channel enhancement mode power
field effect transistors with stable off-state characteristics, fast
switching speed, low thermal resistance, usually used at telecom
and computer application.
FEATURES
* RDS(ON) = 18mΩ @VGS = 10 V
* Ultra low gate charge ( typical 39nC )
* Fast switching capability
* Low reverse transfer Capacitance (CRSS= typical 115pF )
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
60N06L-TA3-T
60N06G-TA3-T
TO-220
G
D
S
Tube
60N06L-TF3-T
60N06G-TF3-T
TO-220F
G
D
S
Tube
60N06L-TQ2-R
60N06G-TQ2-R
TO-263
G
D
S
Tape Reel
60N06L-TQ2-T
60N06G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 60N06G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
60N06 ISC-60N06 Datasheet
284Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
60N06 VBSEMI-60N06 Datasheet
983Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Goford Semiconductor
60N06 GOFORD-60N06 Datasheet
658Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 60N06G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
May-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
logo
Fairchild Semiconductor
FDP14AN06LA0 FAIRCHILD-FDP14AN06LA0 Datasheet
250Kb / 11P
N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?
FDB14AN06L_F085 FAIRCHILD-FDB14AN06L_F085 Datasheet
306Kb / 11P
N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
60A 60V N CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC736014 E-CMOS-EC736014 Datasheet
487Kb / 6P
60V 60A N-Channel
EC736014D E-CMOS-EC736014D Datasheet
368Kb / 7P
60V ,60A N-Channel
logo
ON Semiconductor
FDWS5360L-F085 ONSEMI-FDWS5360L-F085 Datasheet
540Kb / 7P
N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com