Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXL-TNA-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78DXXL-TNA-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXL-TNA-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78DXXL-TNA-R Datasheet HTML 1Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 2Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 3Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 4Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 5Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 6Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 7Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
78DXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R101-005,S
ELECTRICAL CHARACTERISTICS (Cont.)
For 78D12
(VIN=19V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
11.52
12
12.48
V
VIN =14.5~27V,IOUT=5mA~0.5A
11.4
12.6
V
Load Regulation
ΔVOUT
IOUT=5mA~0.5A
120
mV
IOUT=5mA~200mA
60
mV
Line Regulation
ΔVOUT
VIN=14.5~30V
120
mV
VIN=14.6~27V, IOUT=0.5A
120
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
ΔIQ
VIN =14.5~30V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
75
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-1.5
mV/°C
Ripple Rejection
RR
VIN =15~25V, f=120Hz
55
72
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78D15
(VIN=23V, IOUT=0.5A, CI =0.33μF, CO=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
14.4
15
15.6
V
VIN =17.5~30V, IOUT=5mA~0.5A
14.25
15.75
V
Load Regulation
ΔVOUT
IOUT=5mA~0.5A
150
mV
IOUT=5mA~200mA
75
mV
Line Regulation
ΔVOUT
VIN=18.5~30V
150
mV
VIN=17.5~30V, IOUT=0.5A
150
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
ΔIQ
VIN=17.5~30V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-1.8
mV/°C
Ripple Rejection
RR
VIN=18.5~28.5V, f=120Hz
54
70
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78D18
(VIN=27V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
17.28
18
18.72
V
VIN=21~33V,IOUT=5mA~0.5A
17.1
18.9
V
Load Regulation
ΔVOUT
IOUT=5mA~0.5A
180
mV
IOUT=5mA~200mA
90
mV
Line Regulation
ΔVOUT
VIN=21~33V
180
mV
VIN=21~33V, IOUT =0.5A
180
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
ΔIQ
VIN=21.5~33V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-2.2
mV/°C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com