Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXL-TNA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78DXXL-TNA-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXL-TNA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78DXXL-TNA-R Datasheet HTML 1Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 2Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 3Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 4Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 5Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 6Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 7Page - Unisonic Technologies 78DXXL-TNA-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78DXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R101-005,S
3-TERMINALS 0.5A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78DXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 0.5 A.
FEATURE
* Output Current Up To 0.5 A
* Fixed Output Voltage Of 5V, 6V, 8V, 9V, 12V, 15V and 18V
Available
* Thermal Overload Shutdown Protection
* Short Circuit Current Limiting
* Output Transistor SOA Protection
TO-252
1
TO-251
1
1
TO-252-3
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
78DXXL-AA3-R
78DXXG-AA3-R
SOT-223
I
G
O
Tape Reel
78DXXL-TM3-T
78DXXG-TM3-T
TO-251
I
G
O
Tube
78DXXL-TN3-R
78DXXG-TN3-R
TO-252
I
G
O
Tape Reel
78DXXL-TN3-T
78DXXG-TN3-T
TO-252
I
G
O
Tube
78DXXL-TNA-R
78DXXG-TNA-R
TO-252-3
I
G
O
Tape Reel
78DXXL-TNA-T
78DXXG-TNA-T
TO-252-3
I
G
O
Tube
Note: 1. XX: Output Voltage, refer to Marking Information
2. Pin Code: I: Input
G: GND
O: Output


Similar Part No. - 78DXXL-TNA-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
359Kb / 10P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
339Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
78DXXL-TNA-R AMS-78DXXL-TNA-R Datasheet
488Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXL-TNA-R ETL-78DXXL-TNA-R Datasheet
355Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXXL-TNA-R UTC-78DXXL-TNA-R Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78DXXL-TNA-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXX UTC-78TXX Datasheet
171Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_12 Datasheet
195Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS78DXX AMS-AMS78DXX Datasheet
488Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXX UTC-78DXX_15 Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_17 Datasheet
280Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78TXX UTC-78TXX_V01 Datasheet
362Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com