Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXXG-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 79LXXG-AB3-R
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXXG-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  79LXXG-AB3-R Datasheet HTML 1Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 2Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 3Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 4Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 5Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 6Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 7Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
79LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R101-003.I
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Input Voltage
VOUT = -5~ -9V
VIN
-30
V
VOUT = -12~ -15V
-35
V
VOUT = -18~ -24V
-35
V
Power Dissipation
SOT-89
PD
350
mW
SOP-8
300
mW
TO-92
625
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
79L05
(TJ=25°C, C1=0.33µF, COUT=1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
VIN=-10V, IOUT=40mA
-4.8
-5.0
-5.2
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=-7~-20V, IOUT =40mA
15
150
mV
Load Regulation
OUT
OUT
OUT
V
×
I
Δ
ΔV
VIN=-10V, IOUT =1~100mA
7
60
mV
Quiescent current
IQ
VIN=-10V, IOUT =40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-8~-18V, IOUT =40mA,
eIN=1VP-P ,f=120Hz
41
71
dB
Output Voltage Noise
eN
VIN=-10V, IOUT =40mA
BW=10Hz~100kH
120
µV
79L06
(TJ=25°C, C1=0.33µF, COUT=1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
VIN=-12V, IOUT =40mA
-5.76
-6.0
-6.24
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=-8.5~-20V, IOUT =40mA
15
150
mV
Load Regulation
OUT
OUT
OUT
V
×
I
Δ
ΔV
VIN=-12V, IOUT =1~100mA
7
60
mV
Quiescent current
IQ
VIN=-12V, IOUT =40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-9~ -19V, IOUT =40mA
eIN=1VP-P, f=120Hz
41
71
dB
Output Voltage Noise
eN
VIN=-12V, IOUT =40mA
BW=10Hz~100kH
120
µV
79L08
(TJ=25°C, C1=0.33µF, COUT=1µF, unless otherwise specified)
PARAMETER
SYMBOL
Test conditions
MIN
TYP
MAX UNIT
Output Voltage
VOUT
VIN=-14V, IOUT =40mA
-7.68
-8.0
-8.32
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=-10.5~-23V, IOUT =40mA
24
175
mV
Load Regulation
OUT
OUT
OUT
V
×
I
Δ
ΔV
VIN=-14V, IOUT =1~100mA
10
80
mV
Quiescent current
IQ
VIN=-14V, IOUT =40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-11~ -21V, IOUT =40mA
eIN=1VP-P ,f=140Hz
39
68
dB
Output Voltage Noise
eN
VIN=-14V, IOUT =40mA
BW=10Hz~100kH
190
µV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com