Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXXG-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 79LXXG-AB3-R
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXXG-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  79LXXG-AB3-R Datasheet HTML 1Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 2Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 3Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 4Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 5Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 6Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 7Page - Unisonic Technologies 79LXXG-AB3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
79LXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R101-003.I
3-TERMINAL 0.1A NEGATIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 79LXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 100mA.
FEATURES
* Output current up to 100Ma.
* Fixed output voltage of -5V, -6V, -8V, -9V, -12V,-15V, -18V and
-24V available.
* Thermal overload shutdown protection.
* Short circuit current limiting.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1 2 3 4 5 6 7 8
79LXXL-AB3-R
79LXXG-AB3-R
SOT-89
G I O -
-
-
-
-
Tape Reel
79LXXL-S08-R
79LXXG-S08-R
SOP-8
O I
I N G I
I N
Tape Reel
79LXXL-S08-T
79LXXG-S08-T
SOP-8
O I
I N G I
I N
Tube
79LXXL-T92-B
79LXXG-T92-B
TO-92
G I O -
-
-
-
-
Tape Box
79LXXL-T92-K
79LXXG-T92-K
TO-92
G I O -
-
-
-
-
Bulk
79LXXL-T92-R
79LXXG-T92-R
TO-92
G I O -
-
-
-
-
Tape Reel
Notes: 1. XX: Output Voltage, refer to Marking Information.
2. Note: Pin Assignment: I:VIN O:VOUT G:GND


Similar Part No. - 79LXXG-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79LXXG-AB3-R UTC-79LXXG-AB3-R Datasheet
224Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXXG-AB3-R UTC-79LXXG-AB3-R Datasheet
250Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXXG-AB3-R UTC-79LXXG-AB3-R Datasheet
287Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79LXXG-AB3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com