Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXXG-T92-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 79LXXG-T92-R
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXXG-T92-R Datasheet(HTML) 5 Page - Unisonic Technologies

  79LXXG-T92-R Datasheet HTML 1Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 2Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 3Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 4Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 5Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 6Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 7Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
79LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R101-003.I
ELECTRICAL CHARACTERISTICS(Cont.)
79L24
(TJ=25°C, C1=0.33µF, COUT=1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
VIN=-33V, IOUT =40mA
-23.04 -24.0 -24.96
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=-27~-38V,Io=40mA
72
350
mV
Load Regulation
OUT
OUT
OUT
V
×
I
Δ
ΔV
VIN=-33V, IOUT =1~100mA
30
200
mV
Quiescent current
IQ
VIN=-33V, IOUT =40mA
3.5
6.0
mA
Ripple Rejection
RR
VIN=-29~ -35V, IOUT =40mA
eIN=1VP-P ,f=330Hz
31
55
dB
Output Voltage Noise
eN
VIN=-33V, IOUT =40mA
BW=10Hz~100kH
550
µV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com