Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXXG-T92-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 79LXXG-T92-R
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXXG-T92-R Datasheet(HTML) 7 Page - Unisonic Technologies

  79LXXG-T92-R Datasheet HTML 1Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 2Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 3Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 4Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 5Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 6Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 7Page - Unisonic Technologies 79LXXG-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
79LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-003.I
TYPICAL CHARACTERISTICS
Power dissipation vs. ambient
temperature
25
50
75
100
125
Ambient temperature(°C)
300
400
500
600
700
TO-92
SOT-89
Input Voltage vs. Output Voltage
0
-10
-20
-30
-40
UTC79L24
UTC79L15
UTC79L09
UTC79L05
SOP-8
Load Characteristics (TJ=25°C)
0
50
100
150
200
250
Output Current, IOUT(mA)
0
-10
-20
-30
-40
UTC79L24
UTC79L15
UTC79L05
VIN=-33V
VIN=-23V
VIN=-10V
Short Circuit Current (TJ=25°C)
0
-10
-20
-30
-40
Dropout Voltage, VD(V)
100
200
300
Output Voltage vs. Junction
temperature
Ambient temperature(°C)
-25
125
25
75
175
0
-10
-20
-30
-40
VIN=-33V
VIN=-23V
VIN=-10V
UTC79L24
UTC79L15
UTC79L05
Ambient temperature(°C)
Output Voltage vs. ambient
temperature
-50
0
50
100
150
-4.8
-4.9
-5.0
-5.1
5.2
-7.8
-7.9
-8.0
-8.1
8.2
UTC79L08
UTC79L05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com