Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-INL-R9QM Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-INL-R9QM
Description  24 MM LF CIRCULAR INLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-INL-R9QM Datasheet(HTML) 1 Page - Texas Instruments

  RI-INL-R9QM Datasheet HTML 1Page - Texas Instruments RI-INL-R9QM Datasheet HTML 2Page - Texas Instruments RI-INL-R9QM Datasheet HTML 3Page - Texas Instruments RI-INL-R9QM Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
RI-INL-R9QM, RI-INL-W9QM
SCBS871 – SEPTEMBER 2007
www.ti.com
24 MM LF CIRCULAR INLAY
• Access Control
2
• Best in Class Performance Through Patented
HDX (Half Duplex) Technology
• Vehicle Identification
• Container Tracking
• Patented Transponder Tuning Provides Stable
and High Read/Write Performance
• Asset Management
• Waste Management
• 64 Bit Read Only, 80 Bit Read/Write
• Insensitive to Almost All Non-Metallic
Materials
Texas Instruments 24 mm LF circular disk inlays provide superior performance and operate at a resonance
frequency of 134.2 kHz. The products are compliant to ISO/IEC 11784/11785 global open standards. Texas
Instruments LF inlays are manufactured with TI’s patented tuning process to provide consistent read and write
performance. Prior to delivery, the inlays undergo complete functional and parametric testing, in order to provide
the high quality customers have come to expect from TI. The inlays are well suited for usage in a broad range of
applications including, but not limited to, access control, vehicle identification, container tracking, asset
management and waste management applications, and for various encapsulation processes.
ORDERING INFORMATION(1)
ORDERABLE PART
TA
PACKAGE(2)
QUANTITY
NUMBER
PCB with overmolded chip
Plastic antistatic trays with 50 units
RI-INL-R9QM
–25
°C to +70°C
on board and capacitors,
per tray, 3 boxes with 1200 units per
3.600
attached to coil
box in 1 packaging unit (large box)
RI-INL-W9QM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TI-RFid is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-INL-R9QM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-INL-W007 TI1-RI-INL-W007 Datasheet
173Kb / 8P
RI-INL-W007 24-mm LF Circular Inlay
RI-INL-W007-40 TI1-RI-INL-W007-40 Datasheet
173Kb / 8P
RI-INL-W007 24-mm LF Circular Inlay
More results

Similar Description - RI-INL-R9QM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Miniature
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
Tag-it HF Transponder Inlay - Strip
logo
LUMEX INC.
SSP-24MB156U12G LUMEX-SSP-24MB156U12G Datasheet
49Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED
SSP-24MDB153S12G LUMEX-SSP-24MDB153S12G Datasheet
53Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED, 590mm AllnGaP YELLOW CHIPS
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
4Kbit Wireless Memory Inlay
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
PHOTODIODE 5 mm Circular active area
logo
Texas Instruments
RI-INL-W007 TI1-RI-INL-W007 Datasheet
173Kb / 8P
RI-INL-W007 24-mm LF Circular Inlay
logo
LUMEX INC.
SSP-24MDB156U12G LUMEX-SSP-24MDB156U12G Datasheet
53Kb / 1P
1.28 CIRCULAR 24 LAMP POLYED 626mm AllGap RED CHIPS
logo
PHOENIX CONTACT
2203398 PHOENIX-2203398 Datasheet
53Kb / 3P
Corner inlay - UCS CC 5018
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com