Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-INL-R9QM Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-INL-R9QM
Description  24 MM LF CIRCULAR INLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-INL-R9QM Datasheet(HTML) 2 Page - Texas Instruments

  RI-INL-R9QM Datasheet HTML 1Page - Texas Instruments RI-INL-R9QM Datasheet HTML 2Page - Texas Instruments RI-INL-R9QM Datasheet HTML 3Page - Texas Instruments RI-INL-R9QM Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
OPERATING CHARACTERISTICS
RI-INL-R9QM, RI-INL-W9QM
SCBS871 – SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
RI-INL-R9QM
RI-INL-W9QM
UNIT
Operating Temperature
–25 to +70
–25 to +70
°C
Storage Temperature
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-INL-R9QM
RI-INL-W9QM
Functionality
Read Only
Read/Write
Memory (Bits)
64
80(1)
Memory (Pages)
1
1
Resonance Frequency
134.2(2)
kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 60(3)
cm
Typical Reading Time
70
ms
Reading Activation Field Strength @
120.5
dB
μA/m
25
°C
(typ)
Programming Field Strength @ 25
°C
129
EMC
Programmed code is not affected by normal electromagnetic interference or x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechancial Shock
IEC 68-2-27, Test Ea; 200 g, 3 ms
Vibration
IEC 68-2-6, Test Fc; 5 g, 10 - 500 Hz
Dimensions
24.1
× 14.3 × 2.7
mm
Weight
2 ± 0.5
g
Spec
LF circular disk inlay
Data Sheet # 11-09-22-184
(1)
It is recommended to split each 80 bit page into 64 user programmable bits plus a 16 bit CRC CCITT Block Check Character as is done
by TI-RFid™ LF readers.
(2)
Overmolding lowers the resonance frequency
(3)
Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :RI-INL-R9QM RI-INL-W9QM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com