Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC245G-S20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC245G-S20-R
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC245G-S20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC245G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74LVC245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-176.Ba
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V ± 0.15V
1
6
12.2
ns
VCC=2.5V ± 0.2V
1
3.9
7.8
ns
VCC=2.7V
1
4.2
7.1
ns
From A to Y or From B to A
tPLH/tPHL
VCC=3.3V ± 0.3V
1.5
3.8
6.1
ns
VCC=1.8V ± 0.15V
1
7
14.8
ns
VCC=2.5V ± 0.2V
1
4.5
10
ns
VCC=2.7V
1
5.4
9.3
ns
From
OE to A or B
tPZL/tPZH
VCC=3.3V ± 0.3V
1.5
4.4
8.3
ns
VCC=1.8V ± 0.15V
1
7.8
16.5
ns
VCC=2.5V ± 0.2V
1
4
9
ns
VCC=2.7V
1
4.4
8.3
ns
From OE A to A or B
tPLZ/tPHZ
VCC=3.3V ± 0.3V
1.7
4.1
7.3
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OE =0, f=10MHZ, VCC=1.8V
42
pF
OE =0, f=10MHZ, VCC=2.5V
43
pF
OE =0, f=10MHZ, VCC=3.3V
45
pF
OE =1, f=10MHZ, VCC=1.8V
1
pF
OE =1, f=10MHZ, VCC=2.5V
1
pF
Power Dissipation Capacitance
Cpd
OE =1, f=10MHZ, VCC=3.3V
2
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com