Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC245G-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC245G-S20-R
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC245G-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC245G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 5Page - Unisonic Technologies U74LVC245G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC245
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-176.Ba
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC245 is designed for the communication between data
buses asynchronously. While the direction-control(DIR) is high, data
transmits from the A bus to the B bus. Data transmits from the B bus
to the A bus if DIR is low. The output-enable(
OE ) will isolate the
device from the buses when high voltage is applied on it.
FEATURES
* Operate From 1.65V to 3.6V
* Input Accept Voltages to 5.5V
* Partial-Power-Down Mode Operation
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC245L-D20-T
U74LVC245G-D20-T
DIP-20
Tube
U74LVC245L-P20-R
U74LVC245G-P20-R
TSSOP-20
Tape Reel
U74LVC245L-P20-T
U74LVC245G-P20-T
TSSOP-20
Tube
U74LVC245L-S20-R
U74LVC245G-S20-R
SOP-20
Tape Reel
U74LVC245L-S20-T
U74LVC245G-S20-T
SOP-20
Tube


Similar Part No. - U74LVC245G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC245G-S20-R UTC-U74LVC245G-S20-R Datasheet
242Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC245G-S20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LV245AT TI-SN74LV245AT Datasheet
472Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com