Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9BK Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-TRP-R9BK
Description  12mm WEDGE TRANSPONDER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-R9BK Datasheet(HTML) 1 Page - Texas Instruments

  RI-TRP-R9BK Datasheet HTML 1Page - Texas Instruments RI-TRP-R9BK Datasheet HTML 2Page - Texas Instruments RI-TRP-R9BK Datasheet HTML 3Page - Texas Instruments RI-TRP-R9BK Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1)
RI-TRP-R9BK, RI-TRP-W9WK
SCBS867 – SEPTEMBER 2001
12mm WEDGE TRANSPONDER
• Access Control
• Best in Class Performance Through Patented
HDX Technology
• Product Identification
• Container Tracking
• Patented Transponder Tuning Provides Stable
and High Read/Write Performance
• Asset Management
• Waste Management
• 64 Bit Read Only and 80 Bit Read/Write Types
Are Available
• Small package
• Insensitive to Almost All Non-Metallic
Materials
Texas Instruments’ 12 mm wedge LF transponders are providing superior performance and operate at a
resonance frequency of 134.2 kHz. Specific products are compliant to ISO/IEC 11784/11785 global open
standards. Texas Instruments LF transponders are manufactured with TI’s patented tuning process to provide
consistent read and write performance. Prior to delivery, the transponders undergo complete functional and
parametric testing, in order to provide the high quality customers have come to expect from TI. The transponder
is well suited for usage in a broad range of applications including, but not limited to, access control, vehicle
identification, container tracking, asset management and waste management applications.
over operating free-air temperature range (unless otherwise noted)
RI-TRP-R9BK
RI-TRP-W9WK
UNIT
Operating Temperature (Read)
–25 to +70
–40 to +85
°C
Operating Temperature (Program)
–40 to +70
°C
Storage Temperature
–40 to +100
–40 to +100
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-RFid is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-TRP-R9BK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9BK TI-RI-TRP-R9BK Datasheet
98Kb / 3P
12mm WEDGE TRANSPONDER
RI-TRP-R9BK-20 TI1-RI-TRP-R9BK-20 Datasheet
498Kb / 5P
12mm WEDGE TRANSPONDER
RI-TRP-R9BK-30 TI1-RI-TRP-R9BK-30 Datasheet
498Kb / 5P
12mm WEDGE TRANSPONDER
More results

Similar Description - RI-TRP-R9BK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9BK TI-RI-TRP-R9BK Datasheet
98Kb / 3P
12mm WEDGE TRANSPONDER
logo
E-SWITCH
TL1100 E-SWITCH-TL1100_1 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
Texas Instruments
RI-TRP-R9WK-20 TI1-RI-TRP-R9WK-20 Datasheet
498Kb / 5P
12mm WEDGE TRANSPONDER
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
logo
Visual Communications C...
CM11 VCC-CM11 Datasheet
28Kb / 1P
Wedge,Midget Screw Base
CM559 VCC-CM559 Datasheet
32Kb / 1P
Wedge Base
CM914 VCC-CM914 Datasheet
28Kb / 1P
Wedge Base Lens End
CM6502 VCC-CM6502 Datasheet
44Kb / 1P
Wedge Base
logo
Molex Electronics Ltd.
354779002 MOLEX-354779002 Datasheet
80Kb / 1P
WEDGE TERMINAL
2005/08/09
354779702 MOLEX-354779702 Datasheet
80Kb / 1P
WEDGE TERMINAL
2006/04/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com