Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81XXL-AF5-A-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 81XXL-AF5-A-R
Description  POWER RESET IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81XXL-AF5-A-R Datasheet(HTML) 1 Page - Unisonic Technologies

  81XXL-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies 81XXL-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies 81XXL-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies 81XXL-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies 81XXL-AF5-A-R Datasheet HTML 5Page - Unisonic Technologies 81XXL-AF5-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
81XX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R119-001.Q
POWER RESET IC
DESCRIPTION
The function of UTC 81XX is to accurately reset system after
detecting the supply voltage at the time of switching power on and
instantaneous power off in various CPU and other logic systems.
Further, this IC, with its super low consumption current and high
precision voltage detection capacity, UTC 81XX is the most suited
as a voltage check circuit for a number of products which use
batteries.
FEATURES
*High precision voltage detection. (VSS±3% max)
*low current consumption.
(ICCH=5µA max. ICCL=5µA max.)
*Low operating threshold voltage (0.65V typ.)
*Hysteresis voltage is provided as a detect voltage.
(50mV typ.)
*Large output current at the time ON (15mA typ.)
*The detect voltage can be selected at your discretion at 0.1V step
within the range of 1.9V to 4.6V by the following stipulation method.
TO-92
1
SOT-25
SOT-23
SOT-89
4
5
3 2
1
1
1
2
3
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
81XXL-AB3-D-R
81XXG-AB3-D-R
SOT-89
I
G
O
-
-
Tape Reel
81XXL-AB3-E-R
81XXG-AB3-E-R
SOT-89
O
I
G
-
-
Tape Reel
81XXL-AE3-2-R
81XXG-AE3-2-R
SOT-23
I
O
G
-
-
Tape Reel
81XXL-AE3-3-R
81XXG-AE3-3-R
SOT-23
O
G
I
-
-
Tape Reel
81XXL-AE3-5-R
81XXG-AE3-5-R
SOT-23
G
O
I
-
-
Tape Reel
81XXL-AF5-A-R
81XXG-AF5-A-R
SOT-25
N
N
G
O
I
Tape Reel
81XXL-AF5-B-R
81XXG-AF5-B-R
SOT-25
O
I
G
N
N
Tape Reel
81XXL-T92-D-B
81XXG-T92-D-B
TO-92
I
G
O
-
-
Tape Box
81XXL-T92-D-K
81XXG-T92-D-K
TO-92
I
G
O
-
-
Bulk
81XXL-T92-D-R
81XXG-T92-D-R
TO-92
I
G
O
-
-
Tape Reel
81XXL-T92-E-B
81XXG-T92-E-B
TO-92
O
I
G
-
-
Tape Box
81XXL-T92-E-K
81XXG-T92-E-K
TO-92
O
I
G
-
-
Bulk
81XXL-T92-E-R
81XXG-T92-E-R
TO-92
O
I
G
-
-
Tape Reel
Note: Pin Assignment:
I: VIN
O: VOUT
G: GND
N: NC
XX: Detected Voltage Value


Similar Part No. - 81XXL-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
81XXL-AF5-A-R UTC-81XXL-AF5-A-R Datasheet
201Kb / 6P
POWER RESET IC
81XXL-AF5-A-R UTC-81XXL-AF5-A-R Datasheet
198Kb / 6P
POWER RESET IC
More results

Similar Description - 81XXL-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
Microprocessor Reset IC
G684 GMT-G684 Datasheet
174Kb / 7P
Microprocessor Reset IC
logo
Unisonic Technologies
81XX UTC-81XX Datasheet
201Kb / 6P
POWER RESET IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Unisonic Technologies
81XX UTC-81XX_10 Datasheet
198Kb / 6P
POWER RESET IC
81XX UTC-81XX_15 Datasheet
241Kb / 7P
POWER RESET IC
81XX UTC-81XX_15 Datasheet
241Kb / 7P
POWER RESET IC
logo
Global Mixed-mode Techn...
G678 GMT-G678 Datasheet
76Kb / 1P
Micro-Power Reset IC
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com