Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78R05L-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78R05L-TN3-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78R05L-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 78R05L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 9Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
78RXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R102-035.F
ELECTRICAL CHARACTERISTICS(Cont.)
For 78R09
(VIN=11V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
VOUT
VIN = 11V
8.78
9
9.22
V
Dropout Voltage
VD
IOUT = 1A
0.5
V
Load Regulation
ΔVOUT
5mA < IOUT < 1A
0.1
2.0
%
Line Regulation
ΔVOUT
10V < VIN < 25V
0.5
2.5
%
Quiescent Current
IQ
IOUT = 0 A
10
mA
Ripple Rejection
RR
(Note)
45
55
Db
High
VDISH
Output Active
2.0
V
Disable Voltage
Low
VDISL
Output Disabled
0.8
V
High
IDISH
VDIS = 2.7V
0.02
mA
Disable Bias Current
Low
IDISL
VDIS = 0.4V
-0.4
mA
For 78R12
(VIN=14V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
VOUT
VIN =14V
11.71
12
12.29
V
Dropout Voltage
VD
IOUT = 1A
0.5
V
Load Regulation
ΔVOUT
5mA < IOUT < 1A
0.1
2.0
%
Line Regulation
ΔVOUT
13 V < VIN < 25V
0.5
2.5
%
Quiescent Current
IQ
IOUT = 0 A
10
mA
Ripple Rejection
RR
(Note)
45
55
Db
High
VDISH
Output Active
2.0
V
Disable Voltage
Low
VDISL
Output Disabled
0.8
V
High
IDISH
VDIS = 2.7V
0.02
mA
Disable Bias Current
Low
IDISL
VDIS = 0.4V
-0.4
mA
For 78R00-ADJ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
VOUT
1.22
1.25
1.28
V
Dropout Voltage
VD
IOUT = 1A
0.5
V
Load Regulation
ΔVOUT
5mA < IOUT < 1A
0.1
2.0
%
Line Regulation
ΔVOUT
Vo+1V< VIN < Vo+7V
0.5
2.5
%
Quiescent Current
IQ
IOUT = 0 A
10
mA
Ripple Rejection
RR
(Note)
45
55
dB
High
VDISH
Output Active
2.0
V
Disable Voltage
Low
VDISL
Output Disabled
0.8
V
High
IDISH
VDIS = 2.7V
0.02
mA
Disable Bias Current
Low
IDISL
VDIS = 0.4V
-0.4
mA
Note: These guaranteed parameters, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com