Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78R05L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78R05L-TN3-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78R05L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78R05L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78R05L-TN3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78RXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R102-035.F
LOW DROPOUT VOLTAGE
REGULATOR
DESCRIPTION
As the UTC linear integrated LDO, the UTC 78RXX shows a
high current, high accuracy, and specially low-dropout voltage. The
features are: maximum 500mV dropout voltage, very low ground
current. Cause the series have been designed for high current
loads, so they are also used in lower current, extremely low
dropout-critical systems (in which their tiny dropout voltage and
ground current values are important attributes).
FEATURES
* IOUT=1A ; VOUT=3.3V,5V,9V,12V (typ)
* With ADJ version
* Internal overcurrent protection, internal thermal shutdown
* Internal overvoltage protection, internal short-circuit protection
* Output disable function
1
TO-220B
TO-220F-4
1
TO-252-5
1
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
78RXXL-TB5-T
78RXXG-TB5-T
TO-220B
Tube
78RXXL-TF4-T
78RXXG-TF4-T
TO-220F-4
Tube
78RXXL-TN5-R
78RXXG-TN5-R
TO-252-5
Tape Reel
Note: xx: output voltage, refer to Marking Information


Similar Part No. - 78R05L-TN3-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
78R00-ADJ ETL-78R00-ADJ Datasheet
415Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
logo
KEC(Korea Electronics)
78R000F KEC-78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
78R08 FAIRCHILD-78R08 Datasheet
39Kb / 8P
Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
78R09 ETL-78R09 Datasheet
415Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - 78R05L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com