Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8565L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 8565L-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8565L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  8565L-S08-R Datasheet HTML 1Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 2Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 3Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 4Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 5Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 6Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 7Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 8Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R114-004.b
BLOCK DIAGRAM
C2
D1
Vin
85...265 VAC
RFI Filter
D2...D5
C1
L1
R1
R7
R4
R3
VOUT
R2
GND
UTC 8565
FREQ
R5
Variable Oscillator
2.5V
OTA3
+
-
OSC CLK
250ns
Toff min
Peak Current Limit
Over-current
Comp
300ns
1.5V
C2
+
-
Deglitcher
ISENSE
OP1
Current Sense
Opamp -1.43x
Current Loop
ICOMP
Current Loop Comp
OTA2
1.1mS
+/-50μA linear range
S2
C3
Fault
4.0V
Nonlinear
Gain
+
-
C1
Ramp Generator
PWM Comp
R
S
R
S
PWM Logic
VCC
auxiliary supply
GATE
Gate Driver
Protection Block
VCC
UV lockout
+
-
C4
2.5V
OUP
+
-
C3
0.8V
OLP
VSENSE
VCOMP
R6
C4
C5
S1
Fault
4.0V
Soft Start
+/-30μA, 42μS
5V
OTA1
+
-
Voltage Loop
0.73V
0
-ve
Soft Over
Current Control
4.75V
5.25V
+ve
0
-ve
Window Detect
Protection
Logic
+
-
Fault
Representative Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com