Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8565L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 8565L-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8565L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 8565L-S08-R Datasheet HTML 4Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 5Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 6Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 7Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 8Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 9Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 10Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 11Page - Unisonic Technologies 8565L-S08-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R114-004.b
FUNCTIONAL DESCRIPTION(Cont.)
4.1 Brown-Out Protection (BOP)
Input Brown-out occurs if the input voltage VIN falls below the minimum input voltage of the design (i.e. 85V for
universal input voltage range) and the VCC has not entered into the VCC under voltage lockout level yet. For a system
without BOP, the boost converter will increasingly draw a higher current from the mains at a given output power
which may exceed the maximum design values of the input current. The UTC 8565 limits internally the current drawn
from the mains and therefore also limits the input power. The difference of input and output power will result in
decreasing output voltage. If the condition prolongs, the decreasing VOUT will terminate in output under voltage
condition (OUV, 50% of rated), and the IC will be shut down (See section 4.5).
Fig. 8 shows the occurrence of BOP in respect to the ISENSE voltage.
The VIN threshold for BOP to occur is dependent on the voltage at ISENSE and thus the output power. The rated
output power with a minimum VIN (VIN(MIN)) is
2
×
R1
0.6
INMIN
OUT
×
V
=
)
rated
(
P
Due to the internal parameter tolerance, the maximum power with VIN(MIN) before BOP occurs is
2
×
1
R
73
.
0
INMIN
OUT
×
V
=
(max)
P
And the BOP takes over the normal operation under rated output power latest at an input voltage of
73
.
0
2
×
1
R
OUT
BOPMAX
×
)
rated
(
P
=
V
4.2 Soft Over Current Control (SOC)
The UTC 8565 is designed not to support any output power that corresponds to a voltage lower than -0.73V at the
ISENSE pin. A further increase in the inductor current, which results in a lower ISENSE voltage, will activate the Soft Over
Current Control (SOC). This is a soft control as it does not directly switch off the gate drive like the PCL. It acts on
the nonlinear gain block to result in a reduced PWM duty cycle.
4.3 Peak Current Limit (PCL)
The UTC 8565 is equipped with a cycle by cycle peak current protection feature. It is active when the voltage at
pin 5 (ISENSE) reaches -1.08V. This voltage is amplified by OP1 with a factor of -1.43 and connected to comparator
C2 with a reference voltage of 1.5V as shown in Fig. 9. A deglitcher with 300ns after the comparator improves noise
immunity to the activation of this protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com