Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75323G-S20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 75323G-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75323G-S20-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 75323G-S20-R Datasheet HTML 2Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 3Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 4Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 5Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 6Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 7Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 8Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 9Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
75323
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R113-007,B
ELECTRICAL CHARACTERISTICS OVER OPERATING FREE-AIR TEMPERATURE
RANGE (VDD=9V, VSS=-9V, VCC=5V , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Output Voltage
VOH
VIL=0.8V, RL=3kΩ (Fig. 1)
6
7.5
V
Low-Level Output Voltage(see Note 1)
VOL
VIH=1.9V, RL=3kΩ (Fig. 1)
-7.5
-6
V
High-Level Input Current
IIH
VI=5V (Fig. 2)
10
μA
Low-Level Input Current
IIL
VI=0 (Fig. 2)
-1.6
mA
High-Level Short-Circuit Output Current
IOS(H)
VIL=0.8V,Vo=0 (Fig. 1, Note 2)
-4.5
-9
-19.5
mA
Low-Level Short-Circuit Output Current
IOS(L)
VIH=2V, Vo=0 (Fig. 1)
4.5
9
19
mA
Output Resistance (Note 3)
rO
VCC=VDD=VSS=0, Vo=-2V ~ 2V
300
Ω
Note: 1. The algebraic convention, where the more positive(less negative) limit is designated as maximum, is used in
this data sheet for logic levels only, e. g.,if-10V is maximum, the typical value is a more negative voltage.
2. Output short-circuit conditions must maintain the total power dissipation below absolute maximum ratings.
3. Test conditions are those specified by TIA/EIA-232-F and as listed above.
SWITCHING CHARACTERISTICS (TA=25℃, VDD=12V, VSS=-12V, VCC=5V±10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay Time, Low- to
High-Level Output
tPLH
RL=3kΩ ~ 7kΩ, CL=15pF
(Fig. 3)
315
500
ns
Propagation Delay Time, High-to
Low-Level Output
tPHL
75
175
tTLH Transition Time, Low-to High-Level
Output
tTLH
RL=3kΩ~7kΩ, CL=15pF(Fig. 3)
60
100
ns
RL=3kΩ ~ 7kΩ, CL=2500pF
(Fig. 3, Note 1)
1.7
2.5
μs
Transition Time, High-to Low-Level Output
tTHL
RL=3kΩ~7kΩ, CL=15pF(Fig. 3)
40
75
ns
RL=3kΩ ~ 7kΩ, CL=2500pF
(Fig. 3, Note 2)
1.5
2.5
μs
Note: 1. Measured between-3-V and 3-V points of the output waveform (TIA/EIA-232-F conditions), all unused
inputs are tied either high or low.
2. Measured between 3-V and -3-V points of the output waveform (TIA/EIA-232-F conditions), all unused
inputs are tied either high or low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com