Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75323G-S20-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 75323G-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75323G-S20-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 75323G-S20-R Datasheet HTML 4Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 5Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 6Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 7Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 8Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 9Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 10Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 11Page - Unisonic Technologies 75323G-S20-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
75323
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R113-007,B
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the UTC 75323 in the fault condition in which the
device output are shorted to VDD or VSS, and the Power supplies are at low and provide low-impedance paths to
ground (see Figure7)
UTC
75323
UTC
75323
VDD
Output
±15V
VSS
VDD
VSS
Fig. 7 Power-Supply Protection to Meet Power-Off Fault Condition of TIA/EIA-232-F
10
9
8
7
6
5
4
3
2
1
5V
11
12
13
14
15
16
17
18
19
20
43
37
40
13
36
11
41
42
RI
DTR
CTS
TX
RTS
RX
DSR
DCD
12V
RI
DTR
CTS
RTS
DSR
DCD
SO
SI
-12V
C5*
C4*
C3*
C2*
C1*
1
6
9
5
GND
5DA
3RY
4DA
2RY
1RY
3DA
2DA
1DA
Vcc
VSS
5DY
3RA
4DY
2RA
1RA
3DY
2DY
1DY
VDD
UTC
75323
TL16C450
ACE
TIA/EIA-232-F
DB9S
CONNECTOR
Fig. 8 Typical Connection
*See Figure Slew Rate vs. Load Capacitance to select the correct values for the loading capacitors (C1, C2, C3, C4
and C5), which may be required to meet the RS-232 maximum slew-rate requirement of 30V/us. The value of the
loading capacitors resrequired depends upon the line length and desired slew rate, but is typically 330pF.
Note C: To use the receivers only, VDD and Vss both must be powered or tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com