Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5417 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # BA5417
Description  HIGH-OUTPUT DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA5417 Datasheet(HTML) 6 Page - Unisonic Technologies

  BA5417 Datasheet HTML 1Page - Unisonic Technologies BA5417 Datasheet HTML 2Page - Unisonic Technologies BA5417 Datasheet HTML 3Page - Unisonic Technologies BA5417 Datasheet HTML 4Page - Unisonic Technologies BA5417 Datasheet HTML 5Page - Unisonic Technologies BA5417 Datasheet HTML 6Page - Unisonic Technologies BA5417 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BA5417
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R107-049,A
TYPICAL CHARACTERISTICS
OTL Mode
0
Rated Output Power vs. Power Supply
Voltage
20
2
6
10
515
Power Supply Voltage, VCC (V)
RL = 8Ω
0
12
20
10
30
50
416
Power Supply Voltage, VCC (V)
RL = 4Ω
RL = 3Ω
THD = 10%
f = 1kHz
DIN AUDIO
Input both channels
0
4
8
10
0
20
40
8
100
300
500
0
200
400
IQ
ISTNBY
(Standby pin supply current)
Quiescent Standby Pin Supply Current
vs. Power Supply Voltage
VSTNBY=VCC
0
12
20
2
6
12
416
Power Supply Voltage, VCC (V)
0
4
10
8
Maximum Power Dissipation vs.
Power Supply Voltage
RL = 3Ω
RL = 8Ω
RL = 4Ω
24
8
OTL Stereo
100k
10
30
50
100
10k
Frequency, f (Hz)
0
20
40
1k
Closed Loop Gain vs. Frequency
60
T=Normal
VCC=9V
RL=6Ω
1~10k ··· DIN AUDIO
ι
10k~ ··· WIDE BAND
OTL=(Stereo)
CNF=100μF
CNF=47μF
CNF=22μF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com