Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5417 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BA5417
Description  HIGH-OUTPUT DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA5417 Datasheet(HTML) 1 Page - Unisonic Technologies

  BA5417 Datasheet HTML 1Page - Unisonic Technologies BA5417 Datasheet HTML 2Page - Unisonic Technologies BA5417 Datasheet HTML 3Page - Unisonic Technologies BA5417 Datasheet HTML 4Page - Unisonic Technologies BA5417 Datasheet HTML 5Page - Unisonic Technologies BA5417 Datasheet HTML 6Page - Unisonic Technologies BA5417 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BA5417
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-049,A
HIGH-OUTPUT DUAL POWER
AMPLIFIER
DESCRIPTION
The UTC BA5417 is a dual power amplifier of 6~15V-compatible
for radio cassette/Mini compo players use. It is developed to equip
with standby switching functions for excellent total harmonic
distortion and other basic characteristics.
FEATURES
* Operating power supply voltage range from 6V to 15V.
* High output.
- POUT = 2.8W (VCC = 9V, RL=3Ω, THD = 10%)
- POUT = 5.0W (VCC = 12V, RL=3Ω, THD = 10%)
* Excellent audio quality
- THD = 0.1% (f = 1kHz, POUT = 0.5W)
- eN = 0.3mVrms (Rg = 10kΩ)
- RR = 55dB (fRR = 100Hz)
* Switching noise (“pop” noise) generated when the power is
switched on and off is small.
* Ripple mixing when motor starts has been prevented.
* Built-in thermal shutdown circuit.
* Built-in standby switch that output is not influenced.
* Soft clipping.
HZIP-15A
*Pb-free plating product number: BA5417L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
BA5417-J15-A-T
BA5417L-J15-A-T
HZIP-15A
Tube
BA5417L-J15-A-T
(1) Packing Type
(2) Package Type
(3) Lead Plating
(1) T: Tube
(2) J15-A: HZIP-15A
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - BA5417

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
BA5417 ROHM-BA5417 Datasheet
229Kb / 5P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
899Kb / 9P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
636Kb / 11P
5W5W Stereo Speaker Amplifiers
BA5417 ROHM-BA5417 Datasheet
697Kb / 11P
Stereo Speaker Amplifiers
More results

Similar Description - BA5417

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
Dual, High Output, Video Amplifier
logo
Rohm
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
High-output dual power amplifier
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Unisonic Technologies
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
Dual-Channel Audio Power/Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com