Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3340 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS3340
Description  3 mm (T1) LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3340 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS3340 Datasheet HTML 1Page - Siemens Semiconductor Group LS3340 Datasheet HTML 2Page - Siemens Semiconductor Group LS3340 Datasheet HTML 3Page - Siemens Semiconductor Group LS3340 Datasheet HTML 4Page - Siemens Semiconductor Group LS3340 Datasheet HTML 5Page - Siemens Semiconductor Group LS3340 Datasheet HTML 6Page - Siemens Semiconductor Group LS3340 Datasheet HTML 7Page - Siemens Semiconductor Group LS3340 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
3 mm (T1) LED, Non Diffused
LS 3340, LO 3340, LY 3340
LG 3330, LP 3340
Besondere Merkmale
q
eingefärbtes, klares Gehäuse
q
zur Einkopplung in Lichtleiter
q
als optischer Indikator einsetzbar
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, clear package
q
optical coupling into light pipes
q
for use as optical indicator
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LS3340

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3340-JM SIEMENS-LS3340-JM Datasheet
88Kb / 1P
T1(3mm) LED LAMP
LS3340-L SIEMENS-LS3340-L Datasheet
88Kb / 1P
T1(3mm) LED LAMP
LS3340-LP SIEMENS-LS3340-LP Datasheet
88Kb / 1P
T1(3mm) LED LAMP
LS3340-M SIEMENS-LS3340-M Datasheet
88Kb / 1P
T1(3mm) LED LAMP
LS33401111 SIEMENS-LS33401111 Datasheet
88Kb / 1P
T1(3mm) LED LAMP
More results

Similar Description - LS3340

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
3 mm (T1) MULTILED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
Plane 3 mm (T1) LED, Non Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
Plane MULTILED 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com