Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3340 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LS3340
Description  3 mm (T1) LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3340 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LS3340 Datasheet HTML 1Page - Siemens Semiconductor Group LS3340 Datasheet HTML 2Page - Siemens Semiconductor Group LS3340 Datasheet HTML 3Page - Siemens Semiconductor Group LS3340 Datasheet HTML 4Page - Siemens Semiconductor Group LS3340 Datasheet HTML 5Page - Siemens Semiconductor Group LS3340 Datasheet HTML 6Page - Siemens Semiconductor Group LS3340 Datasheet HTML 7Page - Siemens Semiconductor Group LS3340 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3340-KN
LS 3340-L
LS 3340-M
LS 3340-N
LS 3340-LP
super-red
red clear
6.3 … 50.0
10.0 … 20.0
16.0 … 32.0
25.0 … 50.0
10.0 … 80.0
Q62703-Q1701
Q62703-Q1702
Q62703-Q1704
Q62703-Q2320
Q62703-Q3223
LO 3340-KN
LO 3340-L
LO 3340-M
LO 3340-N
LO 3340-LP
orange
orange clear
6.3 … 50.0
10.0 … 20.0
16.0 … 32.0
25.0 … 50.0
10.0 … 80.0
Q62703-Q1886
Q62703-Q2256
Q62703-Q2255
Q62703-Q2473
Q62703-Q2628
LY 3340-JM
LY 3340-L
LY 3340-M
LY 3340-N
LY 3340-LP
yellow
yellow clear
4.0 … 32.0
10.0 … 20.0
16.0 … 32.0
25.0 … 50.0
10.0 … 80.0
Q62703-Q1789
Q62703-Q1791
Q62703-Q1999
Q62703-Q2652
Q62703-Q1792
LG 3330-KN
LG 3330-L
LG 3330-M
LG 3330-N
LG 3330-LP
green
colorless clear
6.3 … 50.0
10.0 … 20.0
16.0 … 32.0
25.0 … 50.0
10.0 … 80.0
Q62703-Q1698
Q62703-Q1699
Q62703-Q1700
Q62703-Q2010
Q62703-Q2011
LP 3340-JL
LP 3340-K
LP 3340-L
LP 3340-KM
pure green
green clear
4.0 … 20.0
6.3 … 12.5
10.0 … 20.0
6.3 … 32.0
Q62703-Q2749
Q62703-Q2982
Q62703-Q2980
Q62703-Q3211
LS 3340, LO 3340, LY 3340
LG 3330, LP 3340
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com