Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF640L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF640L-TN3-R
Description  18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF640L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UF640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-066.E
ABSOLUTE MAXIMUM RATING (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
200
V
Drain-Gate Voltage (RGS=20kΩ)
VDGR
200
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
18
A
Pulsed Drain Current (Note 2)
IDM
72
A
Single Pulse Avalanche Energy Rating (Note 2)
EAS
580
mJ
Maximum Power Dissipation
TO-220
PD
123
W
TO-220F
40
TO-220F2
42
TO-252
83
TO-263
139
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: 1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
L=3.37mH, VDD=50V, RG=25Ω, peak IAS=18A, starting TJ=25℃.
Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/ TO-220F
θJA
62.5
°C/W
TO-220F2/ TO-263
62.5
TO-252
110
Junction to Case
TO-220
θJC
1.01
°C/W
TO-220F
3.1
TO-220F2
2.9
TO-252
1.5
TO-263
0.9
ELECTRICAL CHARACTERISTICS (TC = 25 ,
℃
unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
200
V
Drain-Source Leakage Current
IDSS
VDS = Rated BVDSS, VGS = 0V
25
μA
Gate-Source Leakage Current
IGSS
VGS= ±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(THR) VGS=VDS, ID=250μA
2
4
V
On-State Drain Current
ID(ON)
VDS >ID(ON) x RDS(ON)MAX,VGS=10V
18
A
Drain-Source On Resistance
RDS(ON)
ID=10A, VGS=10V
0.14
0.18
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
1275
pF
Output Capacitance
COSS
400
pF
Reverse Transfer Capacitance
CRSS
100
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com