Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF640L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF640L-TN3-R
Description  18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF640L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF640L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF640
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-066.E
18 A, 200 V, 0.18 OHM,
N-CHANNEL POWER MOSFET
DESCRIPTION
These kinds of n-channel power MOSFET field effect transistor
have low conduction power loss, high input impedance, and high
switching speed, Linear Transfer Characteristics, so can be use in
a variety of power conversion applications.
The UF640 suitable for resonant and PWM converter topologies.
FEATURES
* RDS(ON) =0.18Ω@VGS = 10V.
* Ultra Low gate charge (typical 43nC)
* Low reverse transfer capacitance (CRSS = typical 100 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
TO-263
TO-220F
TO-252
1
1
1
1
1
TO-220F2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen-Free
1
2
3
UF640L-TA3-T
UF640G-TA3-T
TO-220
G
D
S
Tube
UF640L-TF2-T
UF640G-TF2-T
TO-220F2
G
D
S
Tube
UF640L-TF3-T
UF640G-TF3-T
TO-220F
G
D
S
Tube
UF640L-TN3-R
UF640G-TN3-R
TO-252
G
D
S
Tape Reel
UF640L-TN3-T
UF640G-TN3-T
TO-252
G
D
S
Tube
UF640L-TQ2-R
UF640G-TQ2-R
TO-263
G
D
S
Tape Reel
UF640L-TQ2-T
UF640G-TQ2-T
TO-263
G
D
S
Tube


Similar Part No. - UF640L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640L-TN3-R UTC-UF640L-TN3-R Datasheet
274Kb / 6P
N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UF640L-TN3-R DOINGTER-UF640L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UF640L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640 UTC-UF640 Datasheet
140Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFF240 SSDI-SFF240 Datasheet
219Kb / 2P
15 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET
SFF240M SSDI-SFF240M Datasheet
234Kb / 2P
18 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET
logo
ON Semiconductor
NTD5865N ONSEMI-NTD5865N Datasheet
113Kb / 7P
N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0
logo
STMicroelectronics
STW24NK55Z STMICROELECTRONICS-STW24NK55Z Datasheet
249Kb / 12P
N-channel 550 V - 0.18 Ω - 23 A - TO-247 Zener-protected SuperMESH??Power MOSFET
04-Jan-2008
STN1NF20 STMICROELECTRONICS-STN1NF20 Datasheet
654Kb / 12P
N-channel 200 V, 1.1 ohm, 1 A SOT-223
04-Nov-2011
logo
Unisonic Technologies
UTT200N02 UTC-UTT200N02 Datasheet
197Kb / 6P
200 A, 20 V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD25NF20 STMICROELECTRONICS-STD25NF20 Datasheet
848Kb / 16P
Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
27-May-2015
logo
ACE Technology Co., LTD...
ACE1020M ACE-ACE1020M Datasheet
526Kb / 7P
N-Channel 200-V MOSFET
VER 1.1
logo
MagnaChip Semiconductor...
MDF18N50 MGCHIP-MDF18N50 Datasheet
832Kb / 6P
N-Channel MOSFET 500V, 18 A, 0.27(ohm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com