Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3710L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF3710L-TQ2-R
Description  57A, 100V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3710L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF3710L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF3710
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R203-036.E
ELECTRICAL CHARACTERISTICS(Cont.)
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=80V, ID=28A, VGS=10V
130
nC
Gate Source Charge
QGS
26
nC
Gate Drain Charge
QGD
43
nC
Turn-ON Delay Time
tD(ON)
VDD=50V, ID=28A, RG=2.5Ω
VGS=10V (Note)
12
ns
Turn-ON Rise Time
tR
58
ns
Turn-OFF Delay Time
tD(OFF)
45
ns
Turn-OFF Fall-Time
tF
47
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS=28A, VGS=0V (Note)
1.2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
MOSFET symbol showing
the integral reverse P-N
junction diode.
57
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
230
A
Body Diode Reverse Recovery Time
trr
IF=28A, dI/dt=100A/μs (Note)
140 220
ns
Body Diode Reverse Recovery Charge
QRR
670 1010
nC
Note: Pulse width ≤ 400μs; duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com