Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3710L-TQ2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UF3710L-TQ2-R
Description  57A, 100V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3710L-TQ2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UF3710L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF3710L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UF3710
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R203-036.E
TYPICAL CHARACTERISTICS
Drain Source Breakdown Voltage,BVDS(V)
40
80
Drian Current vs
Drain Source Breakdown Voltage
0
0
100
800
400
500
140
120
160
200
300
600
700
Gate Threshold Voltage. VTH(V)
1
2
Drian Current vs Gate Threshold Voltage
0
0
50
400
200
250
4
3
5
100
150
300
350
Source to Drain Voltage VSD(V)
00.2
Drain Current. Source to Drain Voltage
0.6
0.4
0.8
1.0
0
2
4
6
8
10
0
100
300
200
400
500
0
5
10
15
20
25
Drain - Source On-State Resistance
Characteristics
ID=28A
VGS=10V
Drain to Source Voltage VDS(mV)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com