Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFR9120L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UFR9120L-TN3-R
Description  P CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFR9120L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UFR9120L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UFR9120
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-570.a
ABSOLUTE MAXIMUM RATINGS(TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
TC=25°C
-6.6
A
Continuous
TC=100°C
ID
-4.2
A
Drain Current, VGS@-10V
Pulsed (Note 2)
IDM
-26
A
Avalanche Current (Note 2)
IAR
-6.6
A
Single Pulsed (Note 3)
EAS
100
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
4.0
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
-5.0
V/ns
Power Dissipation TC=25°C
40
W
Linear Derating Factor
PD
0.32
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating; pulse width limited by max. junction temperature.(See Fig.11)
3. Starting TJ=25°C, L=13mH RG=25Ω, IAS=-3.9A (See Fig.12)
4. ISD ≤ -4.0A, di/dt ≤300A/μs,VDD ≤ V(BR)DSS, TJ ≤ 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
110
°C/W
Junction to Case
θJC
3.1
°C/W
Note: 1. For recommended footprint and soldering techniques refer to application note



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com