Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFR9120L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UFR9120L-TN3-R
Description  P CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFR9120L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UFR9120L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UFR9120L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UFR9120
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-570.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
-100
V
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/T
△ J Reference to 25°C, ID=-1mA
-0.11
V/°C
VDS=-100V, VGS=0V
-25
Drain-Source Leakage Current
IDSS
VDS=-80V, VGS=0V , TJ=150°C
-250
µA
Forward
VGS=+20V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-2.0
-4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-3.9A
0.48
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
350
pF
Output Capacitance
COSS
110
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-25V, f=1.0MHz
70
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
27
nC
Gate to Source Charge
QGS
5.0
nC
Gate to Drain Charge
QGD
VGS=-10V, VDS=-80V, ID=-4.0A
(Note 1, 2)
15
nC
Turn-ON Delay Time
tD(ON)
14
ns
Rise Time
tR
47
ns
Turn-OFF Delay Time
tD(OFF)
28
ns
Fall-Time
tF
VDD=-50V, ID= -4.0A, RG= 12Ω,
RD=12Ω (Note 1, 2)
31
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
-6.6
A
Maximum Body-Diode Pulsed
Current (Note 1)
ISM
MOSFET symbol showing the
integral reverse p-n junction diode
-26
A
Drain-Source Diode Forward Voltage
VSD
IS=-3.9A, VGS=0V, TJ =25°C
-2.0
V
Body Diode Reverse Recovery Time
tRR
100 150
ns
Body Diode Reverse Recovery Charge
QRR
IF=-4.0A, VGS=0V, di/dt = 100A/µs,
TJ =25°C (Note 1)
420 630
nC
Notes: 1. Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com