Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF840G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF840G-TQ2-R
Description  8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF840G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF840G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UF840
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-047,F
INTERNAL PACKAGE INDUCTANCE
PARAMETER
SYMBOL
MIN TYP MAX UNIT
DRAIN INDUCTANCE
Measured from the contact screw on tab to center of die
Measured from the drain lead(6mm from package) to center of die
LD
3.5
nH
4.5
nH
SOURCE INDUCTANCE
Measured from the source lead(6mm from header) to source bond pad
LS
7.5
nH
Remark:
Modified MOSFET symbol showing the internal devices inductances as below.
SOURCE TO DRAIN DIODE SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Source to Drain Diode Voltage(Note 1)
VSD
TJ = 25°C, ISD = 8.0A, VGS = 0V
2
V
Continuous Source to Drain Current
ISD
Note 2
8
A
Pulse Source to Drain Current
ISDM
32
A
Reverse Recovery Time
trr
TJ = 25°C, ISD = 8.0A, dISD/dt = 100A/μs
210 475 970
ns
Reverse Recovery Charge
QRR
TJ = 25°C, ISD = 8.0A, dISD/dt = 100A/μs
2
4.6
8.2
μC
Notes: 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. Modified MOSFET symbol showing the integral reverse P-N junction diode as below.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com