Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF840G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF840G-TQ2-R
Description  8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF840G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF840G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UF840G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF840
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-047,F
8A, 500V, 0.85Ω, N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET
is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* Low RDS(ON)=0.85Ω
* Single Pulse Avalanche Energy Rated
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF840L-TA3-T
UF840G-TA3-T
TO-220
G
D
S
Tube
UF840L-TF1-T
UF840G-TF1-T
TO-220F1
G
D
S
Tube
UF840L-TF2-T
UF840G-TF2-T
TO-220F2
G
D
S
Tube
UF840L-TF3-T
UF840G-TF3-T
TO-220F
G
D
S
Tube
UF840L-TQ2-R
UF840G-TQ2-R
TO-263
G
D
S
Tape Reel
UF840L-TQ2-T
UF840G-TQ2-T
TO-263
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF840G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840G-TQ2-R UTC-UF840G-TQ2-R Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840G-TQ2-R UTC-UF840G-TQ2-R Datasheet
455Kb / 9P
N-CHANNEL POWER MOSFET
More results

Similar Description - UF840G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
500V, 8A N-Channel MOSFET
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
N-Channel MOSFET 500V, 9A, 0.85廓
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
500V, 8A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
8A 500V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com