Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHE4913G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UHE4913G-AE3-R
Description  LOW POWER HALL EFFECT SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UHE4913G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UHE4913G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UHE4913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-608.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
5.5
V
Supply current
IQ
-1 ~ +2.5
mA
Magnetic Flux Density
B
Unlimited
mT
Junction Temperature
TJ
150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.4
2.7
5.5
V
Output Voltage
VOUT
-0.3
2.7
5.5
V
Ambient Temperature
TA
-40
25
85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Saturation Voltage
VSAT
0.1
V
Output Leakage Current
IOFF
VDD=2.7V
0.01
μA
IDD(EN)
1.1
mA
IDD(DIS)
2.5
μA
Supply Current
IDD(AVG)
VDD=2.7V
3
20
μA
Operating Time
TOP
50
μs
Standby Time
TSD
130
ms
Duty Cycle
D.C.
VDD=2.7V
0.04
%
Output Rise Time
tR
RL=2.7KΩ,CL=10PF
0.5
1
μs
Output Fall Time
tF
RL=2.7KΩ,CL=10PF
0.1
1
μs
MAGNETIC CHARACTERISTICS ( TA=25°C,VDD=2.7V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operation Points
|BOP|
20
35
50
Release Points
|BRP|
12
27
42
Hysteresis
|BOP–BRP|
2
8
16
Gauss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com