Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHE4913G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UHE4913G-AE3-R
Description  LOW POWER HALL EFFECT SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UHE4913G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UHE4913G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UHE4913G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UHE4913
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-608.a
LOW POWER HALL EFFECT
SWITCH
DESCRIPTION
UHE4913
is a low-power integrated Hall switch designed to
sense the applied magnetic flux density and give a digital output,
which indicates the present condition of the magnitude sensed.
It is mainly designed for battery-powered system and
hand-held equipment, such as cellular flip-phones and PDA’s, in
which power consumption is one major concern. The typical power
consumption of UHE4913 is down to 10μW in 2.7V supply.
The output will be at the “High” level when no magnetic field is
applied. When the applied magnetic flux density is stronger than
the switching threshold, the output would be at the “Low” level.
FEATURES
* Micropower Operation
* 2.4V to 5.5V Battery Operation
* Switching for both poles of magnet
* Offset Canceling Technology
* Superior Temperature Stability
* Extremely Low Switch-Point Drift
* Insensitive to Physical Stress
SOT-23
1
2
3
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UHE4913L-AE3-R
UHE4913G-AE3-R
SOT-23
O
I
G
Tape Reel
Note: O: Output, I: VDD, G: Gnd
UHE4913L-AE3-R
(1) Packing Type
(2) Package Type
(3) Lead Free
(1) R:Tape Reel
(2) AE3:SOT-23
(3) G:Halogen Free, L: Lead Free


Similar Part No. - UHE4913G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UHE4913G-AE3-R UTC-UHE4913G-AE3-R Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UHE4913G-AE3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com