Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK1398L-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UK1398L-AE3-R
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK1398L-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UK1398L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UK1398L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UK1398L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UK1398L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UK1398
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-256.F
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±7.0
V
DC
±100
mA
Continuous Drain Current
Pulse(Note 2)
ID
±200
mA
SOT-23
200
Power Dissipation
TO-92
PD
625
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width≤10ms, Duty cycle≤50%
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
50
V
Drain-Source Leakage Current
IDSS
VDS=50V, VGS=0V
10
µA
Gate-Source Leakage Current
IGSS
VGS=±7.0V, VDS=0 V
±5.0
µA
ON CHARACTERISTICS
VGS(TH)
VDS=VGS , ID=250µA
1.0
3.0
V
Gate Threshold Voltage
VGS(OFF)
VDS=3.0V, ID=1.0µA
0.6
1.2
1.5
V
VGS=2.5V, ID=10mA
22
40
Static Drain-Source On-Resistance
RDS(ON)
VGS=4.0V, ID=10mA
14
20
Forward Transconductance
gFS
VDS=3.0V, ID=10mA
20
38
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
8
pF
Output Capacitance
COSS
7
pF
Reverse Transfer Capacitance
CRSS
VDS=3.0V, VGS=0V, f=1MHz
3
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
15
ns
Turn-ON Rise Time
tR
100
ns
Turn-OFF Delay Time
tD(OFF)
30
ns
Turn-OFF Fall-Time
tF
VDD=3.0V, ID=20mA,
VGS(ON)=3.0V, RG=10Ω,
RL=150 Ω
35
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS=1A, VGS=0V
1.3
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com