Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK1398L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UK1398L-AE3-R
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK1398L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UK1398L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UK1398L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UK1398L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UK1398L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UK1398
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-256.F
N-CHANNEL MOSFET FOR
HIGH SPEED SWITCHING
DESCRIPTION
The UTC UK1398 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON)<22Ω @VGS=2.5V
* RDS(ON)<14Ω @VGS=4V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
3.Gate
1.Source
2.Drain
TO-92
SOT-23
1
3
2
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UK1398L-AE3-R
UK1398G-AE3-R
SOT-23
S
D
G
Tape Reel
UK1398L-T92-B
UK1398G-T92-B
TO-92
S
D
G
Tape Box
UK1398L-T92-K
UK1398G-T92-K
TO-92
S
D
G
Bulk
UK1398L-T92-R
UK1398G-T92-R
TO-92
S
D
G
Tape Reel


Similar Part No. - UK1398L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK1398L-T92-B UTC-UK1398L-T92-B Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398L-T92-K UTC-UK1398L-T92-K Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - UK1398L-AE3-R

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
logo
Unisonic Technologies
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com