Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK3919-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UK3919-TN3-R
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK3919-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UK3919-TN3-R Datasheet HTML 1Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 2Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 3Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 4Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 5Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UK3919
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-200.A
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
25
V
Gate to Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
±64
A
Pulsed Drain Current (Note1)
IDM
±256
A
Single Avalanche Current (Note2)
IAS
27
A
Single Avalanche Energy (Note2)
EAS
73
mJ
Total Power Dissipation
PD
36
W
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX
UNIT
OFF CHARACTERISTICS
Zero Gate Voltage Drain Current
IDSS
VDS =25 V, VGS =0 V
10
µA
Gate-Body Leakage Current
IGSS
VDS =0 V, VGS =±20V
±100
nA
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(OFF) VDS =10V, ID =1mA
2.0
2.5
3.0
V
VGS =10 V, ID =32 A
4.5
5.6
Drain-Source On-Resistance
RDS(ON)
VGS =5.0 V, ID =16 A
6.8
13.7
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2050
Output Capacitance
COSS
460
Reverse Transfer Capacitance
CRSS
VDS =10V, VGS =0V, f=1MHz
330
pF
SWITCHING PARAMETERS
Gate to Source Charge
QG
42
Gate Charge at Threshold
QGS
8
Gate to Drain Charge
QGD
VDD =20V, VGS =10 V,ID =64 A
15
nC
Turn-ON Delay Time
tD(ON)
16
Turn-ON Rise Time
tR
19
Turn-OFF Delay Time
tD(OFF)
53
Turn-OFF Fall-Time
tF
VDD =12.5V, ID=32 A, VGS =10V,
RG =10 Ω
22
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Body Diode Forward Voltage
VSD
IF=64 A, VGS=0 V
0.97
V
Reverse Recovery Time
tRR
23
ns
Reverse Recovery Charge
QRR
IF= 64 A,VGS=0 V ,di/dt = 100 A/μs
11
nC
Notes: 1. PW ≤ 10 μs, Duty Cycle ≤ 1%
2. Starting TCH= 25℃, VDD = 12.5 V, RG = 25Ω, VGS = 20 → 0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com