Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK3919-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UK3919-TN3-R
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK3919-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UK3919-TN3-R Datasheet HTML 1Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 2Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 3Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 4Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 5Page - Unisonic Technologies UK3919-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UK3919
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-200.A
SWITCHING N-CHANNEL
POWER MOSFET
DESCRIPTION
This UK3919 N-Channel Logic Level MOSFET is
produced using UTC Semiconductor advanced Power
Trench process which has been tailored to make the
on-state resistance minimum and yet maintain low gate
charge for superior switching performance especially.
The UK3919 is well suited for where low in-line power
loss is needed in a very small outline surface mount
package, such as low voltage and battery powered
applications.
FEATURES
* RDS(ON) = 5.6mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number:UK3919L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UK3919-TN3-R
UK3919L-TN3-R
TO-252
G
D
S
Tape Reel
UK3919-TN3-T
UK3919L-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UK3919-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK3018 UTC-UK3018 Datasheet
147Kb / 3P
2.5V DRIVE SILICON N-CHANNEL MOSFET
UK3018BW UTC-UK3018BW Datasheet
138Kb / 3P
DRIVE SILICON N-CHANNEL MOSFET
UK3018BWG-AL5-R UTC-UK3018BWG-AL5-R Datasheet
138Kb / 3P
DRIVE SILICON N-CHANNEL MOSFET
UK3018G-AE2-R UTC-UK3018G-AE2-R Datasheet
147Kb / 3P
2.5V DRIVE SILICON N-CHANNEL MOSFET
UK3018G-AL3-R UTC-UK3018G-AL3-R Datasheet
147Kb / 3P
2.5V DRIVE SILICON N-CHANNEL MOSFET
More results

Similar Description - UK3919-TN3-R

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113 NEC-2SK3113 Datasheet
145Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3322 NEC-2SK3322 Datasheet
91Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3455 NEC-2SK3455 Datasheet
64Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3457 NEC-2SK3457 Datasheet
77Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3483 NEC-2SK3483 Datasheet
164Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com