Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2752L-P14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM2752L-P14-R
Description  2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2752L-P14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UM2752L-P14-R Datasheet HTML 1Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 2Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 3Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 4Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UM2752
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R109-030. a
PIN CONFIGURATION
1
14
OUTB
OUTA
13
12
11
10
9
8
2
3
4
5
6
7
IN1A
V+
IN2A
CNT1
N.C
N.C
IN1B
GND
IN2B
VREF
N.C
N.C
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
OUTA
Ach Output
2
IN1A
Ach Input 1
3
V+
Supply Voltage
4
IN2A
Ach Input 2
5
CNT1
Select Control 1
6~9
N.C
No Connection
10
VREF
Reference Voltage
11
IN2B
Bch Input 2
12
GND
Ground
13
IN1B
Bch Input 1
14
OUTB
Bch Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com