Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2752L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM2752L-P14-R
Description  2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2752L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM2752L-P14-R Datasheet HTML 1Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 2Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 3Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 4Page - Unisonic Technologies UM2752L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UM2752
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R109-030. a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
12
V
Power Dissipation
PD
450 (Note 2)
mW
570 (Note 3)
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTR
-40~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
3. EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 4layer, FR-4) mounting
ELECTRICAL CHARACTERISTICS (TA=25°C, V+=9V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
V
+
4.7
9.0
10.0
V
Supply Current
ICC
No Signal
10
15
mA
Reference Voltage
VREF
4.5
V
Voltage Gain
GV
VIN=1Vrms, f=1kHz
-1
0
1
dB
Total Harmonic Distortion
THD+N
VIN=1Vrms, f=1kHz
0.0009
0.03
%
Output Noise Voltage
VNO
A-Weighted
-114
-100
dBV
2
10
VRMS
Maximum Output Voltage
VOM
f=1KHz, THD=1%
6
8
dBV
2.0
2.5
VRMS
Cross Talk
CT
VIN=1Vrms, f=1kHz, A-Weighted
70
100
dB
Channel Separation
CS
VIN=1Vrms, f=1kHz, A-Weighted
80
110
dB
Switch-ON Voltage Level
VCH
2.4
V
Switch-OFF Voltage Level
VCL
0.5
V
Input Impedance
RIN
100
kΩ
Output Impedance
ROUT
45
Ω
SWITCH CONTROL LOGIC
CNT1
INPUT SELECTOR Ach/Bch
L
IN1
H
IN2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com