Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1753 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP1753
Description  HIGH CURRENT LOW VCE(SAT) TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1753 Datasheet(HTML) 1 Page - Unisonic Technologies

  UP1753_12 Datasheet HTML 1Page - Unisonic Technologies UP1753_12 Datasheet HTML 2Page - Unisonic Technologies UP1753_12 Datasheet HTML 3Page - Unisonic Technologies UP1753_12 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP1753
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R220-020.C
HIGH CURRENT LOW VCE(SAT)
TRANSISTOR
DESCRIPTION
The UTC UP1753 is specially designed to have high current and
low VCE(SAT) to suit for power amplifier application and power
switching application.
FEATURES
*VCE(SAT) typ is below 300mV at 5A
* Max continuous current 6 A
* BVCEO is 100V minimum
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UP1753L-AA3-R
UP1753G-AA3-R
SOT-223
B
C
E
Tape Reel


Similar Part No. - UP1753_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1753-AA3-R UTC-UP1753-AA3-R Datasheet
92Kb / 4P
HIGH CURRENT LOW V TRANSISTOR
UP1753L-AA3-R UTC-UP1753L-AA3-R Datasheet
92Kb / 4P
HIGH CURRENT LOW V TRANSISTOR
More results

Similar Description - UP1753_12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
Low Vce(sat) PNP Transistor
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
Low VCE(sat) Transistor
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
Low VCE(sat) Transistor
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
Low VCE(sat) Transistor
logo
Central Semiconductor C...
CMLM3405 CENTRAL-CMLM3405_10 Datasheet
587Kb / 2P
SURFACE MOUNT HIGH CURRENT LOW VCE(SAT) SILICON NPN TRANSISTOR
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
LOW VCE(SAT) TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
Low VCE(sat) Transistor
2SB1424 BILIN-2SB1424 Datasheet
187Kb / 4P
Low VCE(sat) Transistor
Rev.A
logo
Guangdong Kexin Industr...
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
Low VCE(sat) Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com