Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1868-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UP1868-AA3-R
Description  LOW SATURATION VOLTAGE PNP POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1868-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UP1868-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1868-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1868-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1868-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UP1868
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R207-015,A
TYPICAL CHARACTERISTICS
0
Collector Current, IC (A)
VCE(SAT)vs IC
0.2
0.4
0.6
0.8
+25℃
1m
10m
100m
10
1
IC/IB=200
IC/IB=100
IC/IB=50
0
Collector Current, IC (A)
VCE(SAT)vs IC
0.2
0.4
0.6
0.8
IC/IB=50
1m
10m
100m
10
1
+100℃
+25℃
-20℃
+100℃
VCE=1V
+25℃
-20℃
0
200
400
600
800
1m
10m
100m
1
10
Collector Current, IC (A)
hFE vs. IC
+100℃
IC/IB=50
+25℃
-20℃
10m
100m
1
10
Collector Current, IC (A)
VBE(SAT) vs. IC
0
0.4
0.8
1.2
1.6
1m
+100℃
VCE=1V
+25℃
-20℃
10m
100m
1
10
Collector Current, IC (A)
VBE(ON) vs IC
0
0.7
1.4
1m
Collector Emitter Voltage, VCE(V)
0.1
DC
1s
10ms
100µs
1
10
100
0.1
1
10
Safe Operating Area



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com